Part Number Hot Search : 
SMB10 1N6289 BY255GP KA358S UPC7900 K2000GH G4BC20 74V1G384
Product Description
Full Text Search
 

To Download HS501DR-HD6025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hs501dr series assemblies ? 10 amp ac output @ 40c ? single channel output ? 3 to 32 vdc input control voltage ? din rail mounted ? ul, csa, vde, ce approved ssrs product selection description 10 a 10 a 3-32 vdc control hs501dr-d2425 HS501DR-HD6025 output specifications (1) description hs501dr-d2425 HS501DR-HD6025 operating voltage (47-63hz) [vrms] 24-280 48-660 transient overvoltage [vpk] 600 1200 maximum off-state leakage current @ rated voltage [marms] 10 10 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 maximum load current [arms] 10 10 minimum load current [arms] 0.04 0.04 maximum surge current (16.6ms) [apk] 250 250 maximum on-state voltage drop @ rated current [vpk] 1.6 1.7 maximum i2t for fusing (8.3 msec) [a2 sec] 260 260 minimum power factor (with maximum load) 0.5 0.5 input specifications (1) description hs501dr-d2425 HS501DR-HD6025 control voltage range 3-32 vdc 3-32 vdc minimum turn-on voltage 3.0 vdc 3.0 vdc minimum turn-off voltage 1.0 vdc 1.0 vdc maximum reverse voltage 32 vdc 32 vdc typical input current 3.4 ma @ 5 vdc 2.0 ma (3) nominal input impeadance 1500 ohms (3) maximum turn-on time [msec] 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohms maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 ? c ambient storage temperature range -40 to 125 ? c status indicator display none weight (typical) 0.31 lb. (141g) encapsulation themally conductive epoxy recommended terminal screw torque range: 6-32 screws - 10 in/lbs. 8-32 screws - 20 in/lbs. (screws dry without grease) thermal pad installed yes general notes 1) all parameters at 25c unless otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) input circuitry for dc control version incorporates active current limiter (hd model only)
mechanical specifications thermal derate information agency approvals a gency approvals are for relay only. e116949 (d2425) e116950 (hd6025) lr81689 vde 10143 ug rev. 110211

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of HS501DR-HD6025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X